Part Number Hot Search : 
HC00A TMP86 160808 5111A F800B5 205D6 AD9837 7808A
Product Description
Full Text Search
 

To Download IPP040N06N3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g opti mos ? 3 power-transistor features ? for sync. rectification, drives and dc/dc smps ? excellent gate charge x r ds(on) product (fom) ? very low on-resistance r ds(on) ? n-channel, normal level ? avalanche rated ? qualified according to jedec 1) for target applications ? pb-free plating; rohs compliant ? halogen-free according to iec61249-2-21 maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25 c 2) 90 a t c =100 c 90 pulsed drain current 3) i d,pulse t c =25 c 360 avalanche energy, single pulse e as i d =90 a, r gs =25 165 mj gate source voltage v gs 20 v power dissipation p tot t c =25 c 188 w operating and storage temperature t j , t stg -55 ... 175 c iec climatic category; din iec 68-1 55/175/56 2) current is limited by bondwire; with an r thjc =0.8 k/w the chip is able to carry 162 a. 3) see fi g ure 3 4) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. value 1) j-std20 and jesd22 v ds 60 v r ds(on),max (smd) 3.7 m i d 90 a product summary type ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g package pg-to263-3 pg-to262-3 pg-to220-3 marking 037n06n 040n06n 040n06n previous engineering sample codes: ipp04xn06n ipi04xn06n ipb04xn06n rev. 1.03 page 1 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 0.8 k/w thermal resistance, r thja minimal footprint - - 62 junction - ambient 6 cm2 cooling area 4) --40 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0 v, i d =1 ma 60 - - v gate threshold voltage v gs(th) v ds = v gs , i d =90 a 234 zero gate voltage drain current i dss v ds =60 v, v gs =0 v, t j =25 c - 0.1 1 a v ds =60 v, v gs =0 v, t j =125 c - 10 100 gate-source leakage current i gss v gs =20 v, v ds =0 v - 1 100 na drain-source on-state resistance r ds(on) v gs =10 v, i d =90 a - 3.3 4 m v gs =10 v, i d =90 a, (smd) - 3.0 3.7 gate resistance r g - 1.3 - transconductance g fs | v ds |>2| i d | r ds(on)max , i d =90 a 61 121 - s values rev. 1.03 page 2 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 8000 11000 pf output capacitance c oss - 1700 2300 reverse transfer capacitance c rss -5887 turn-on delay time t d(on) -30-ns rise time t r -70- turn-off delay time t d(off) -40- fall time t f -5- gate char g e characteristics 5) gate to source charge q gs -42-nc gate to drain charge q gd -9- switching charge q sw -27- gate charge total q g -98- gate plateau voltage v plateau - 5.3 - v output charge q oss v dd =30 v, v gs =0 v -79-nc reverse diode diode continous forward current i s - - 90 a diode pulse current i s,pulse - - 360 diode forward voltage v sd v gs =0 v, i f =90 a, t j =25 c - 0.97 1.2 v reverse recovery time t rr - 125 - ns reverse recovery charge q rr - 110 - nc 5) see figure 16 for gate charge parameter definition v r =30 v, i f =50a, d i f /d t =100 a/s t c =25 c values v gs =0 v, v ds =30 v, f =1 mhz v dd =30 v, v gs =10 v, i d =90 a, r g =3.5 v dd =30 v, i d =90 a, v gs =0 to 10 v rev. 1.03 page 3 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); v gs 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 10 ms dc 10 2 10 1 10 0 10 -1 10 3 10 2 10 1 10 0 10 -1 v ds [v] i d [a] limited by on-state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 0 10 -1 10 -2 10 -3 10 -4 10 -5 10 0 10 -1 10 -2 t p [s] z thjc [k/w] 0 40 80 120 160 200 0 50 100 150 200 t c [c] p tot [w] 0 20 40 60 80 100 0 50 100 150 200 t c [c] i d [a] rev. 1.03 page 4 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j 4.5 v 5 v 5.5 v 6 v 6.5 v 7 v 8 v 10 v 0 3 6 9 12 15 0 50 100 150 i d [a] r ds(on) [m ] 25 c 175 c 0 80 160 240 320 0246 v gs [v] i d [a] 0 40 80 120 160 200 0 50 100 150 i d [a] g fs [s] 4.5 v 5 v 5.5 v 6 v 6.5 v 7 v 8 v 10 v 0 80 160 240 320 012345 v ds [v] i d [a] rev. 1.03 page 5 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =90 a; v gs =10 v v gs(th) =f( t j ); v gs = v ds parameter: i d 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j 10v 98% 0 1 2 3 4 5 6 7 8 -60 -20 20 60 100 140 180 t j [c] r ds(on) [m ] 90 a 900 a 0 0.5 1 1.5 2 2.5 3 3.5 4 -60 -20 20 60 100 140 180 t j [c] v gs(th) [v] ciss coss crss 10 4 10 3 10 2 10 1 0204060 v ds [v] c [pf] 25 c 175 c 25 c, 98% 175 c, 98% 10 3 10 2 10 1 10 0 0 0.5 1 1.5 2 v sd [v] i f [a] rev. 1.03 page 6 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 v gs =f( q gate ); i d =90 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =1 ma 12 v 30 v 48 v 0 2 4 6 8 10 12 0 20406080100 q gate [nc] v gs [v] 50 55 60 65 70 -60 -20 20 60 100 140 180 t j [c] v br(dss) [v] v gs q gate v gs(th) q g(th) q gs q gd q sw q g 25 c 100 c 150 c 1 10 100 1 10 100 1000 t av [s] i as [a] rev. 1.03 page 7 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g pg-to220-3 rev. 1.03 page 8 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g pg-to262-3 (i2-pak) rev. 1.03 page 9 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g pg-to263 (d2-pak) rev. 1.03 page 10 2009-12-17
ipb037n06n3 g ipi040n06n3 g ipp040n06n3 g published by infineon technologies ag 81726 munich, germany ? 2008 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office (www.infineon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 1.03 page 11 2009-12-17


▲Up To Search▲   

 
Price & Availability of IPP040N06N3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X